PART |
Description |
Maker |
AUIRS2184STR AUIRS21844STR |
Automotive qualified Half Bridge Driver, SoftTurn-On, Single Input Plus Inverting Shut-Down, 400ns Deadtime in a 8-pin DIP package Automotive qualified Half Bridge Driver, SoftTurn-On, Single Input Plus Inverting Shut-Down.
|
International Rectifier
|
AUIRS21811S |
Automotive qualified High and Low Side Driver, SoftTurn-On, Noninverting Inputs, Separate High and Low Side Inputs in a 8-lead SOIC package
|
International Rectifier
|
TP6KE82A TP6KE82CA TP6KE91CA TP6KE91A TP6KE30A TP6 |
Hi reliability application and automotive grade AEC-Q101 qualified
|
Littelfuse
|
SN74LVC04AQPWRQ1 |
<font color=red>[Old version datasheet]</font> Qualified for Automotive Applications
|
TI store
|
MPQ2451 MPQ2451DT-AEC1 MPQ2451DG MPQ2451DG-AEC1 |
Industrial/Automotive-Grade 36V, 2MHz, 0.6A Step-Down Converter AEC-Q100 Qualified
|
Monolithic Power Systems
|
MPQ2451DG MPQ2451DG-AEC1 MPQ2451DT MPQ2451DT-AEC1 |
Industrial/Automotive-Grade 36V, 2MHz, 0.6A Step-Down Converter AEC-Q100 Qualified
|
MPS Industries, Inc.
|
SMD0503-2-15 |
Qualified for automotive applications
|
PETERMANN-TECHNIK
|
MPQ20051-AEC1 |
Low Noise, High PSRR, 1A Linear Regulator AEC-Q100 Qualified
|
Monolithic Power System...
|
MPQ4470AGL MPQ4470GL MPQ4470GL-AEC1 |
High-Efficiency, Fast-Transient, 5A, 36V Synchronous, Step-Down Converter AEC-Q100 Qualified
|
Monolithic Power Systems
|
DMG7401SFG-13 DMG7401SFG-15 DMG7401SFG-7 |
P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI? Qualified to AEC-Q101 Standards for High Reliability
|
Diodes Incorporated
|
DSCC05003 |
Surface Mount Multilayer Ceramic Chip Capacitors High Frequency DSCC Qualified Type 05003
|
Vishay Siliconix
|
RN55D4170FB14 RN55E1002BR36 |
RESISTOR, METAL FILM, 0.125 W, 1 %, 100 ppm, 417 ohm, THROUGH HOLE MOUNT AXIAL LEADED Metal Film Resistors, Military, MIL-R-10509 Qualified, Precision, Type RN and MIL-PRF-22684 Qualified, Type RL
|
Vishay Siliconix
|